Part Number Hot Search : 
GP1A36RA 0515K F4226 8927VZG 2SK242 2PFT05 K700101 F412A
Product Description
Full Text Search
 

To Download PC1031 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UTC PC1031
LINEAR INTEGRATED CIRCUIT
TV HORIZONTAL DEFLECTION CIRCUIT
DESCRIPTION
UTC PC1031 is designed for B/W TV and small screen color TV. It generates deflection signal and drives deflection coil.
FEATURES
*Low external components required *Wide operating supply voltage(9V-18V) *Adjustable synchronous input range *Adjustable blanking voltage *Large output current(2AP-P) *Built in adjustable fly-back time
SIP-10H
APPLICATION CIRCUIT
Vcc 9-18V
Synchrous adjust
VR1 50kB
C12 100F/25V
Vcc 2
Field blanking 10 9 Deflection coil
C10 47F/10V
R7 0.5~3 1W
R3 20k
6
C4 1F/25V
Ta
R1 R2 C3 10F/10V
Field synchrous & field oscillator
5
Sawtooth generation
Power output
C8 2200F
1
47F 10V
Synchrous signal
C1
C2
R4 2.7k
3 8
4
7
C7 22F/10V
Ta
C5 10F/10V R5 5.6k VR2 20KB
Field strength adjust
C6 22F/10V
R6 82
Ta
Field linearity adjust
VR3 2KB
Fig 1
UTC
UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R111-001,A
UTC PC1031
PARAMETER
Supply Voltage Output Current Power Dissipation Power dissipation Operating temperature Storage Temp.
LINEAR INTEGRATED CIRCUIT
SYMBOL
VCC IP-P PD1 PD2 TOPR TSTG
ABSOLUTE MAXIMUN RATINGS(Ta=25C)
VALUE
20 2 1.5(Ta=+75C) 2.15(Ta=+75C) With heat sink (31.6 x 31.6 x 1mm3) -20 ~ +75 -40 ~ +150
UNIT
V AP-P W W C C
ELECTRICAL CHARACTERISTICS(VCC=12V,Ta=25C)
PARAMETER
Supply Current Output Voltage Field osc Frequency Free osc Frequency Synchronization Input Range Free osc Frequency Change with Supply Voltage Synchronization Range deviation with Supply Voltage Output Saturation Voltage Pin 4 Output Pulse Width tO Cosc=1 F Ta, Rosc=38.1K 300 420 600 sec 2 VSAT Io=0.7A 1.3 1.6 V 2 f(PULL) VCC VCC is+-2V deviated from 12V +-3.0 HZ 2 fVO
SYMBOL
ICC VN fV fVO f(PULL)
TEST CONDITIONS
No signal input and load No signal input and load Synchronization voltage on Pin 5 is 1.3VP-P Cosc=1F Ta, Rosc=38.1K Synchronization voltage on Pin 5 is 1.3VP-P fVO=60HZ,VCC=12V fVO deviation for +-2V change of Vcc
MIN
15 5.6 53 -10
TYP
30 6.0 50/60 60 -12
MAX
46 6.4 67
UNIT
mA V HZ HZ HZ
FIG
2 2 2 2 2

+-1.0
HZ
2
UTC
UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R111-001,A
UTC PC1031
TEST CIRCUIT
LINEAR INTEGRATED CIRCUIT
Dc Ammeter
A
2
1 SW1 3
Vcc
39k 38.1k 100 F 3.3k 0.047 F 0.5 To scope VR1 20k
1
2
3 100 F
2
1 F Ta To fig 3 A 4.7 F 2.7k SW4
10
9
3
47 F 2200 F
6
5
8 4
UTC PC1031
7
22 F 4.7 F Tant 1
Deflection coil DY:2.7 L:5.3mH SW5 To scope and DMM
1
0.01 F
Counter 4.7k 3
2 VR3 50K SW2 1 2 3
VR2 50K
3.6k
10 F
2.7k
8.2k
To counter
FIG2
Vcc:12V 20k 10k 100 F Field signal Adjust
1.5k
3.3 F SA733 SC945 3.9k 5.6k 3.9k
0.047F
0.047 F
3.9k
A
1.3Vp-p Field synchronizat ion signal
FIG3
UTC
UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R111-001,A


▲Up To Search▲   

 
Price & Availability of PC1031

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X